Part Number Hot Search : 
M4003 ADV3219 ESD5Z12 K2696 4CBTLV3 1S121 CS432XU 14000
Product Description
Full Text Search
 

To Download FMS6418AM16 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 www.fairchildsemi.com
FMS6418A
Triple Video Driver with Selectable HD/SD Video Filters for RGB or YUV Signals
Features
* Three video anti-aliasing or reconstruction filters * YUV/RGB signal support * 2:1 Mux inputs for multiple RGB/YUV inputs * Selectable 8MHz or 30MHz 6th order filters for SD/HD applications * DC coupled input, AC coupled output * All outputs can drive AC coupled 150 loads and provide 6dB of gain * 0.6% differential gain with 0.15 differential phase * 36dB/octave roll-off on all channels
Description
The FMS6418A offers comprehensive filtering for set top box or DVD applications. This part consists of a triple 6th order filter with selectable 30MHz or 8.0MHz frequencies. A 2-to-1 multiplexer is provided on each filter channel. The triple filters are intended for either YUV or RGB signals. All channels accept DC coupled ground-referenced 1V signals. The filters provide 2Vpp signals into AC coupled terminated loads. The low-pass filters are powered by 3.3V and the outputs by 5.0V. The FMS6418A is available in both 16-pin SOIC and 14-pin TSSOP packages.
Applications
* Cable Set top boxes * Satellite Set top boxes * DVD players * HDTV * Personal Video Recorders (PVR) * Video On Demand (VOD)
Functional Block Diagram
INMUX (A/B) Filter Select (HD/SD)
RinA (VinA)
6dB
Rout (Vout)
RinB (VinB)
GinA (YinA)
6dB
Gout (Yout)
GinB (YinB)
BinA (UinA)
6dB
Bout (Uout)
BinB (UinB)
REV. 3G June 28, 2004
DATA SHEET
FMS6418A
Electrical Specifications
(TC = 25C, Vi = 1Vpp; VCCA = 3.3V, VCCO = 5.0V, all inputs AC coupled with 0.1F, all outputs AC coupled with 220F into 150, referenced to 400kHz; unless otherwise noted) Symbol ICCA ICCO Vi Vil Vih PSSR Parameter Supply Supply Current1 Current1 Low1 High1 Conditions VCCA no load VCCO no load Reference to ground FSEL, INMUX FSEL, INMUX DC 0 2.4 -40 Min 35 30 Typ 45 45 1.3 0.8 VCCO Max Units 70 60 mA mA V V V dB
Input Voltage Max Digital Input Digital Input
PSSR (all channels)
Standard Definition Electrical Specifications
(TC = 25C, Vi = 1Vpp; VCCA = 3.3V, VCCO = 5.0V, FSEL = 0, all inputs DC coupled, all outputs AC coupled with 220F into 150, referenced to 400kHz; unless otherwise noted) Symbol AVRGBSD f1dBSD fCSD fSBSD dG d THD XTALK INMUXISO SNR tpdSD Parameter RGB SD Gain
1 1
Conditions R,G,B channels SD Mode R,G,B channels R,G,B channels
1
Min 5.6 4.5 -40
Typ 6.0 6.0 8.2 -55 0.6 0.15 0.4 -70 -90 -73 70
Max Units 6.4 dB MHz MHz dB % % dB dB dB ns
-1dB Bandwidth for SD -3dB Bandwidth for SD
Attenuation: SD (stopband reject) Differential Gain Differential Phase Output Distortion (all channels) Crosstalk (channel-to-channel) INMUX Isolation Signal-to-Noise Ratio Prop Delay for SD
R,G,B channels at f = 27MHz R,G,B channels R,G,B channels VOUT = 1.8Vpp, RGB Out at 1MHz at 1MHz at 1MHz R,G,B channels, NTC-7 weighting 4.2MHz lowpass, 100kHz highpass Delay from input to output at 4.5MHz
High Definition Electrical Specifications
(TC = 25C, Vi = 1Vpp; VCCA = 3.3V, VCCO = 5.0V, FSEL = 1, all inputs DC coupled, all outputs AC coupled with 220F into 150, referenced to 400kHz; unless otherwise noted) Symbol AVRGBHD f1dBHD fCHD fSBHD XTALKB INMUXISO SNR tpdHD Parameter RGB HD Gain
1 1
Conditions R,G,B channels HD Mode R,G,B channels R,G,B channels
1
Min 5.6 20 -30
Typ 6.0 23 32 -36 -70 -90 -73 20
Max Units 6.4 dB MHz MHz dB dB dB dB ns
-1dB Bandwidth for HD -3dB Bandwidth for HD
Attenuation: HD (stopband reject) Crosstalk (channel-to-channel) INMUX Isolation Signal-to-Noise Ratio Prop Delay for HD
R,G,B channels at f = 74.25MHz at 1MHz at 1MHz R,G,B channels Delay from input to output at 20MHz
Notes: 1. 100% tested at 25C.
2
REV. 3G June 28, 2004
FMS6418A
DATA SHEET
Absolute Maximum Ratings (beyond which the device may be damaged)
Parameter DC Supply Voltage Analog and Digital I/O Output Current Any One Channel (Do Not Exceed) Min -0.3 -0.3 Max 6.5 VCCO +0.3 120 Units V V mA
Note Functional operation under any of these conditions is NOT implied. Performance and reliability are guaranteed only if operating conditions are not exceeded.
Reliability Information
Parameter Junction Temperature Storage Temperature Range Lead Temperature (Soldering, 10s) Thermal Resistance (JA), JEDEC Standard Multi-layer Test Boards, Still Air 70 -65 Min Typ Max +150 +150 +300 Units C C C C/W
Recommended Operating Conditions
Parameter Operating Temperature Range VCCO Range VCCA Range Min 0 4.75 3.135 5.0 3.3 Typ Max 70 5.25 3.465 Units C V V
REV. 3G June 28, 2004
3
DATA SHEET
FMS6418A
Standard Definition Typical Performance Characteristics
(TC = 25C, Vi = 1Vpp; VCCA = 3.3V, VCCO = 5.0V, FSEL = 0, all inputs AC coupled with 0.1F, all outputs AC coupled with 220F into 150, referenced to 400kHz; unless otherwise noted)
SD Frequency Response
10 0 30 20
12
Group Delay vs. Frequency
1
Amplitude (10dB/div)
Delay (10ns/div)
3
-10 -20 -30 -40 -50 -60 -70 400kHz 5 10 15 20 25 30
Mkr Frequency Ref 400kHz 1 7.32MHz 2 3 8.86MHz 27MHz Amplitude 6dB -1dB BW -3dB BW -48.8dB
10 0 -10 -20 -30 -40 -50 -60 -70 400kHz 5 10 15 20 25 30
1 = 8.2MHz (25.356ns)
fSBSD = Amplitude(ref) - Amplitude(3) = 54.8dB
Frequency (MHz) Noise vs. Frequency
-40 1.0
Frequency (MHz) Differential Gain
NTSC
Differential Gain (%)
-50
0.5
Noise (dB)
-60 -70 -80 -90 -100 0 1.0 2.0 3.0 4.0 5.0
0
-0.5
Min = 0.0 Max = 0.58 ppMax = 0.58
-1.0 1st 2nd 3rd 4th 5th 6th
Frequency (MHz)
Differential Phase
1.0
NTSC
Differential Phase (deg)
0.5
0
-0.5
Min = -0.06 Max = 0.10 ppMax = 0.16
-1.0 1st 2nd 3rd 4th 5th 6th
4
REV. 3G June 28, 2004
FMS6418A
DATA SHEET
High Definition Typical Performance Characteristics
(TC = 25C, Vi = 1Vpp; VCCA = 3.3V, VCCO = 5.0V, FSEL = 1, all inputs AC coupled with 0.1F, all outputs AC coupled with 220F into 150, referenced to 400kHz; unless otherwise noted)
HD Frequency Response
10 15 0 -10 -20 -30 -40 -50 -60 400kHz 10 20 30 40 50 60 70 80 90
Mkr Frequency Ref 400kHz 1 2 3 23.8MHz 32.27MHz 74.25MHz Amplitude 6dB -1dB BW -3dB BW -31.14dB
Group Delay vs. Frequency
1 = 32MHz (5.957ns)
Amplitude (10dB/div)
1
2
10
Delay (5ns/div)
5
1
0 -5 -10 -15 400kHz 10 20 30 40 50 60 70 80
3
fSBHD = Amplitude(ref) - Amplitude(3) = 37.14dB
Frequency (MHz) Noise vs. Frequency
-40 -50
Frequency (MHz)
Noise (dB)
-60 -70 -80 -90
-100 0 1.0 2.0 3.0 4.0 5.0
Frequency (MHz)
REV. 3G June 28, 2004
5
DATA SHEET
FMS6418A
General Description
The FMS6418A offers comprehensive filtering for set top box or DVD applications. This part consists of a triple 6th order filter with selectable 30MHz to 8.0MHz frequencies. A 2-to-1 multiplexer is provided on each filter. The filters are intended for either YUV or RGB signals. All channels accept DC coupled ground-referenced 1V signals. The filters provide 2Vpp signals into AC coupled terminated loads. All channels provide 6dB gain, accept 1V ground referenced inputs, and drive AC coupled loads. The RGB low-pass filters are powered by 3.3V and the output buffers are powered by 5.0V. The FMS6418A is a next generation filter solution from Fairchild Semiconductor addressing the expanding filtering needs for set top boxes, and DVD players. The product provides selectable filtering with cutoff frequencies of 30MHz or 8.0MHz on the RGB/YUV channels. Thus, the FMS6418A addresses the requirement for a single set top box to be compatible with a variety of resolution standards. Multiplexers on the RGB channels provide further flexibility. For DVD, Set-top Box, and TV applications, the product provides filtering and output drive amplification for three channels of outputs (RGB/YUV).
Pin Configurations
INMUX RINA RINB GINA GINB BINA BINB NC 1 2 3 4 5 6 7 8 16 FSEL 15 VSSA
FMS6418AM16 14 16-pin SOIC
VSSO
13 ROUT 12 GOUT 11 BOUT 10 VCCO 9 VCCA
INMUX RINA RINB GINA GINB BINA BINB
1 2 3 4 5 6 7
FMS6418AMTC14
14 FSEL 13 VSS
14-pin TSSOP
12 ROUT 11 GOUT 10 BOUT 9 8 VCCO VCCA
Applications
DC Levels
At any given time, the input signal's DC levels must be between 0.0V and 1.3V to utilize the optimal headroom and to avoid clipping on the outputs.
Single Supply +5V Operation
For low power consumption, the FMS6418 was designed to operate off of 5V and 3.3V. VCCA can be operated from 5V instead of 3.3V and still meet specifications, except power consumption. When the 3.3V supply is increased to 5V, the typical current consumption increases by 5mA. The net effect is the part dissipates an additional 22 percent of power.
Driving the Digital Pins with 3.3V or 5V Logic.
Either is allowed as long as the Vih and Vil are adhered to.
6
REV. 3G June 28, 2004
FMS6418A
DATA SHEET
Typical Application Diagrams
TSSOP-14
INMUX (A/B)
1
Filter Select (HD/SD)
14
2
RinA (VinA)
3
MUX
12
220F
75
Video Cables ROUT (VOUT) 75
DAC
6dB
6th Order Filter
RinB (VinB)
4
GinA (YinA)
5
MUX
11
220F
75
GOUT (YOUT)
6dB
6th Order Filter
GinB (YinB)
6
75
BinA (UinA)
7
MUX
10
220F
75
BOUT (UOUT)
6dB
6th Order Filter
BinB (UinB)
9 8
75
13
5V 0.1F 0.01F 0.1F
3.3V 0.01F
SOIC-16
INMUX (A/B)
1
Filter Select (HD/SD)
16
2
RinA (VinA)
3
MUX
13
220F
75
Video Cables ROUT (VOUT) 75
DAC
6dB
6th Order Filter
RinB (VinB)
4
GinA (YinA)
5
MUX
12
220F
75
GOUT (YOUT)
6dB
6th Order Filter
GinB (YinB)
6
75
BinA (UinA)
7
MUX
11
220F
75
BOUT (UOUT)
6dB
6th Order Filter
14
BinB (UinB)
10 9
75
15
5V 0.1F 0.01F 0.1F
3.3V 0.01F
REV. 3G June 28, 2004
7
DATA SHEET
FMS6418A
Pin Assignments
TSSOP-14 SOIC-16 Pin Name Description Equivalent Circuit
VCC
1
1
IN MUX
Logic input selects between channel or of the RGB inputs. (1): RGB A input, (0): RGB B input Logic Input selects between (0) SD (8.0MHz) and (1) HD (30.0MHz) filters
14
16
FSEL
1
1
16 14
VSSO
2 3 4 5 6 7
2 3 4 5 6 7
RINA RINB GINA GINB BINA BINB
Analog RED video input - Channel A Analog RED video input - Channel B Analog GREEN video input - Channel A Analog GREEN video input - Channel B Analog BLUE video input - Channel A Analog BLUE video input - Channel B
VCC
2 3 4 5 6 7 2 3 4 5 6 7
VSSA
N/A 8 9 10
8 9 10 11
NC VCCA VCCO BOUT
No Connect (float pin) +3.3V power supply for filters +5V power supply for output buffers Filtered Analog BLUE video output from either BINA or BINB Filtered Analog GREEN video output from either GINA or GINB Filtered Analog RED video output from either RINA or RINB
VSSO
VCC
11
12
GOUT
11 10 12 11 13 12
12
13
ROUT
N/A N/A 13
14 15 N/A
VSSO VSSA VSS
Ground for output buffers Ground for filters Ground
11 = TSSOP-14 Pin Numbers 11 = SOIC-16 Pin Numbers
8
REV. 3G June 28, 2004
FMS6418A
DATA SHEET
Package Dimensions
TSSOP-14
6 N 5
e
-B-
7
2X E/2 1.0 DIA 1.0
(b)
8
TSSOP-14
c1 SYMBOL A A1 A2 L R R1 b b1 c c1 01 L1 aaa bbb ccc ddd e 02 03 D E1 E e N MIN - 0.05 0.85 0.50 0.09 0.09 0.19 0.19 0.09 0.09 0 NOM - - 0.90 0.60 - - - 0.22 - - - 1.0 REF 0.10 0.10 0.05 0.20 0.65 BSC 12 REF 12 REF 5.00 4.40 6.4 BSC 0.65 BSC 14 MAX 1.10 0.15 0.95 0.75 - - 0.30 0.25 0.20 0.16 8
E1 E
c
b1 ddd C B A
2X N/2 TIPS 123 6
1.0
e /2 9
SECTION AA
ccc
7 -A-
D8 3
A2 A
aaa C
-C-
b NX bbb M C B A
A1
(02) (0.20) R1
-H-
R
GAGE PLANE 10
4.90 4.30
5.10 4.50
A A
0.25
(03)
L (L1)
01
NOTES:
1 All dimensions are in millimeters (angle in degrees).
2 3 4 5
Dimensioning and tolerancing per ASME Y14.5-1994. Dimensions "D" does not include mold flash, protusions or gate burrs. Mold flash protusions or gate burrs shall not exceed 0.15 per side . Dimension "E1" does not include interlead flash or protusion. Interlead flash or protusion shall not exceed 0.25 per side. Dimension "b" does not include dambar protusion. Allowable dambar protusion shall be 0.08mm total in excess of the "b" dimension at maximum material condition. Dambar connot be located on the lower radius of the foot. Minimum space between protusion and adjacent lead is 0.07mm for 0.5mm pitch packages. Terminal numbers are shown for reference only. Datums - A - and - B - to be determined at datum plane - H - . Dimensions "D" and "E1" to be determined at datum plane - H - . This dimensions applies only to variations with an even number of leads per side. For variation with an odd number of leads per side, the "center" lead must be coincident with the package centerline, Datum A.
6 7 8 9
10 Cross sections A - A to be determined at 0.10 to 0.25mm from the leadtip.
SOIC-16
REV. 3G June 28, 2004
9
FMS6418A
DATA SHEET
Ordering Information
Model FMS6418A FMS6418A FMS6418A FMS6418A Part Number FMS6418AMTC14 FMS6418AMTC14X
FMS6418AM16 FMS6418AM16X Lead Free Package 14-pin TSSOP 14-pin TSSOP 16-pin SOIC 16-pin SOIC Container Tube Tape & Reel Tube Tape & Reel Pack Qty 94 2,500 45 1,000
Temperature range for all parts: 0C to +70C.
DISCLAIMER FAIRCHILD SEMICONDUCTOR RESERVES THE RIGHT TO MAKE CHANGES WITHOUT FURTHER NOTICES TO ANY PRODUCTS HEREIN TO IMPROVE RELIABILITY, FUNCTION OR DESIGN. FAIRCHILD DOES NOT ASSUME ANY LIABILITY ARISING OUT OF THE APPLICATION OR USE OF ANY PRODUCT OR CIRCUIT DESCRIBED HEREIN; NEITHER DOES IT CONVEY ANY LICENSE UNDER ITS PATENT RIGHTS, NOR THE RIGHTS OF OTHERS. LIFE SUPPORT POLICY FAIRCHILD'S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF THE PRESIDENT OF FAIRCHILD SEMICONDUCTOR CORPORATION. As used herein: 1. Life support devices or systems are devices or systems which, (a) are intended for surgical implant into the body, or (b) support or sustain life, and (c) whose failure to per form when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in a significant injury of the user. 2. A critical component in any component of a life support device or system whose failure to perform can be reasonably expected to cause the failure of the life support device or system, or to affect its safety or effectiveness.
www.fairchildsemi.com
(c) 2004 Fairchild Semiconductor Corporation


▲Up To Search▲   

 
Price & Availability of FMS6418AM16

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X